Part Number Hot Search : 
MKT365 2SA15 PA50R MB81C86 EM74XXX 01002 NJL5152M E0526S
Product Description
Full Text Search
 

To Download 0445600014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0445600014 Active
modular_plugs_jacks Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Test Summary (PDF) Product Specification PS-44560-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E107635 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 44560 PCB Jack No modular_plugs_jacks 5e N/A RJ45
Physical
Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type Black 500 94V-0 No None Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic Right Angle (Side Entry) Yes 0.062 In 1.60 mm Tray 50 1.25 100 2.5 4 8/8 Yes -40C to +70C Through Hole N/A
Search Parts in this Series 44560Series Mates With FCC 68 Plugs
Electrical
Current - Maximum per Contact Grounding to Panel Shielded Voltage - Maximum 1.5A Yes Yes 150V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
5 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-44560-005 PS-44560-003, RPS-44560-004 SD-44560-001 TS-44560-003
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0445600014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X